PART |
Description |
Maker |
IMBM-Q67A IMBM-Q67A-A10-G2 |
Micro-ATX Industrial Motherboard with Intel 2nd Generation Core i7/ i5/ i3 Processor
|
AAEON Technology
|
BPC-6671 |
17 Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
|
BOSER Technology Co., Ltd
|
SFSD8192N1BW1MT-E-QG-111 SFSD8192NGBW1MT-T-QG-1X1 |
Industrial MICRO SD Memory Card
|
List of Unclassifed Manufacturers
|
HDSP-A15X HDSP-780X HDSP-750X HDSP-740X HDSP-A40X |
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays HDSP-A153-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7501-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7803-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A151-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7401-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7802-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7403-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-DD000 · 7.6mm (0.3 in) Micro Bright Seven Segment Displays HDSP-7507-CD000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7801-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7502-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays
|
Agilent(Hewlett-Packard... HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
SYS-4U510-4A01E |
4U Intel垄莽 Core垄芒 2 Duo ATX System with Front HDD Bays & PCIe x16 Slot 4U Intel? Core 2 Duo ATX System with Front HDD Bays & PCIe x16 Slot
|
Advantech Co., Ltd.
|
MS1 MS250 MS5 MS3 MS500 MS2.5 MS1.25 MS1.5 MS300 M |
Fuses, 1.25A 125V SB MICRO BULK Slow Blow Micro Fuse
|
Bel Fuse, Inc. Bel Fuse Inc.
|
MAX3370EXKT |
1µA, 2Mbps, Low-Voltage Level Translators in SC70 and µDFN
|
MAXIM - Dallas Semiconductor
|
UPC177 UPC154 UPC157C |
Industrial Linear IC Industrial Liner ICs
|
NEC Electronics
|
M83513-09-A10 M83513-09-A11 M83513-09-A12 M83513-0 |
D159 - RECTANGULAR MICRO MINIATURE 9 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP, PLUG Micro-D Connectors
|
Glenair, Inc.
|
RC-741BA-M RC-741 RC-741B RC-741BA-14S2 RC-741B-M |
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S 19 4U高的全尺寸机架底盘背板主机板 19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S 19 4U高的全尺寸机架底盘背板主机板 19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|